Part Number Hot Search : 
1N3034C A78L05 S6400 F2812 B7105 LRTBGRUG BAT6807W SA101
Product Description
Full Text Search
 

To Download 0038002412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0038002412 status: active overview: kk description: 2.54mm (.100") pitch kk? connector, idt, high pressure cat ear contact system, green id stripe, 22 circuit documents: drawing (pdf) product specification psx-7690s (pdf) product specification ps-99020-0088 (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family idt and solder connectors series 7690 comments version h crimp quality equipment yes overview kk product name kk? physical circuits (loaded) 22 color - resin natural durability (mating cycles max) 25 flammability 94v-2 gender female glow-wire compliant no lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 packaging type bag panel mount no pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 40 plating min: mating (m) 1.00 plating min: termination (in) 40 plating min: termination (m) 1.00 temperature range - operating 0c to +75c wire size awg 24 stranded, 26 solid, 26 stranded topcoat electrical current - maximum per contact 2.5a voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info old part number 7690sc22h reference - drawing numbers product specification ps-99020-0088, psx-7690s series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 7690 series mates with molex kk? 2.54mm (.100") pitch headers and 0.64mm (.025") pins
sales drawing sda-7690s-*n* this document was generated on 05/19/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0038002412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X